전자부품 데이터시트 검색엔진 |
|
LFEC33E-4TN144I 데이터시트(PDF) 7 Page - Lattice Semiconductor |
|
LFEC33E-4TN144I 데이터시트(HTML) 7 Page - Lattice Semiconductor |
7 / 163 page 2-4 Architecture Lattice Semiconductor LatticeECP/EC Family Data Sheet Figure 2-4. Slice Diagram Table 2-1. Slice Signal Descriptions Function Type Signal Names Description Input Data signal A0, B0, C0, D0 Inputs to LUT4 Input Data signal A1, B1, C1, D1 Inputs to LUT4 Input Multi-purpose M0 Multipurpose Input Input Multi-purpose M1 Multipurpose Input Input Control signal CE Clock Enable Input Control signal LSR Local Set/Reset Input Control signal CLK System Clock Input Inter-PFU signal FCIN Fast Carry In 1 Output Data signals F0, F1 LUT4 output register bypass signals Output Data signals Q0, Q1 Register Outputs Output Data signals OFX0 Output of a LUT5 MUX Output Data signals OFX1 Output of a LUT6, LUT7, LUT8 2 MUX depending on the slice Output Inter-PFU signal FCO For the right most PFU the fast carry chain output 1 1. See Figure 2-3 for connection details. 2. Requires two PFUs. LUT4 & CARRY LUT4 & CARRY Slice A0 B0 C0 D0 FF/ Latch OFX0 F0 Q0 A1 B1 C1 D1 CI CI CO CO F SUM CE CLK LSR FF/ Latch OFX1 F1 Q1 F SUM D D M1 To / From Different slice / PFU To / From Different slice / PFU LUT Expansion Mux M0 OFX0 From Routing To Routing Control Signals selected and inverted per slice in routing Interslice signals are not shown |
유사한 부품 번호 - LFEC33E-4TN144I |
|
유사한 설명 - LFEC33E-4TN144I |