전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5311IDCKR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5311IDCKR
상세설명  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5311IDCKR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC5311IDCKR Datasheet HTML 4Page - Texas Instruments DAC5311IDCKR Datasheet HTML 5Page - Texas Instruments DAC5311IDCKR Datasheet HTML 6Page - Texas Instruments DAC5311IDCKR Datasheet HTML 7Page - Texas Instruments DAC5311IDCKR Datasheet HTML 8Page - Texas Instruments DAC5311IDCKR Datasheet HTML 9Page - Texas Instruments DAC5311IDCKR Datasheet HTML 10Page - Texas Instruments DAC5311IDCKR Datasheet HTML 11Page - Texas Instruments DAC5311IDCKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
0.02
0.01
0
-0.01
-0.02
0
32
64
96
128
DigitalInputCode
160
192
224
256
0.02
0.01
0
-0.01
-0.02
AV
=5V
DD
0.4
0.3
0.2
0.1
0
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
0.02
0.01
0
-0.01
-0.02
0
32
64
96
128
DigitalInputCode
160
192
224
256
0.02
0.01
0
-0.01
-0.02
AV
=5V
DD
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
0.02
0.01
0
-0.01
-0.02
0
32
64
96
128
DigitalInputCode
160
192
224
256
0.02
0.01
0
-0.01
-0.02
AV
=5V
DD
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
DAC5311
DAC6311
DAC7311
SBAS442 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS: AVDD = +5V (continued)
At TA = +25°C, AVDD = +5V, and DAC loaded with midscale code, unless otherwise noted.
DAC5311 8-BIT LINEARITY ERROR AND
ZERO-CODE ERROR
DIFFERENTIAL LINEARITY ERROR vs CODE (–40°C)
vs TEMPERATURE
Figure 7.
Figure 8.
DAC5311 8-BIT LINEARITY ERROR AND
OFFSET ERROR
DIFFERENTIAL LINEARITY ERROR vs CODE (+25°C)
vs TEMPERATURE
Figure 9.
Figure 10.
DAC5311 8-BIT LINEARITY ERROR AND
FULL-SCALE ERROR
DIFFERENTIAL LINEARITY ERROR vs CODE (+125°C)
vs TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC5311 DAC6311 DAC7311


유사한 부품 번호 - DAC5311IDCKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311IDCKRG4 TI1-DAC5311IDCKRG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKRG4 TI1-DAC5311IDCKRG4 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311IDCKRQ1 TI-DAC5311IDCKRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC5311IDCKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
logo
Maxim Integrated Produc...
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com