전자부품 데이터시트 검색엔진 |
|
LC5512MV-4Q256C 데이터시트(PDF) 9 Page - Lattice Semiconductor |
|
LC5512MV-4Q256C 데이터시트(HTML) 9 Page - Lattice Semiconductor |
9 / 92 page Lattice Semiconductor ispXPLD 5000MX Family Data Sheet 9 Table 4. MFB Memory Configuration Input and Output The data input and control signals to a MFB in memory mode are generated from inputs from the routing. Data sig- nals are only available in the true non-inverted format. True or complemented versions of the inputs are available for generating the control signals. Data and flag outputs are fed from the MFB to the GRP and OSA. Unused inputs and outputs are not accessible in memory mode. ROM Operation In each of the memory modes it is possible to specify the power-on state of each bit in the memory array. This allows the memory to be used as ROM if desired. Increased Depth And Width Designs that require a memory depth or width that is greater than that support by a single MFB can be supported by cascading multiple blocks. For dual port, single port, and pseudo dual port modes additional width is easily pro- vided by sharing address lines. Additional depth is supported by multiplexing the RAM output. For FIFO and CAM modes additional width is supported through the cascading of MFBs. The Lattice design tools automatically combine blocks to support the memory size specified in the user’s design. Bus Size Matching All of the memory modes apart from CAM mode support different widths on each of the ports. The RAM bits are mapped LSB word 0 to MSB word 0, LSB word 1 to MSB word 1 and so on. Although the word size and number of words for each port varies this mapping scheme applies to each port. Memory Mode Max. Configuration Size 1 Dual-port 8,192 x 1 4,096 x 2 2,048 x 4 1,024 x 8 512 x 16 Single-port, Pseudo Dual Port, FIFO 16,384 x1 8,192 x 2 4,096 x 4 2,048 x 8 1,024 x 16 512 x 32 CAM 128 x 48 1. Smaller configurations are possible. |
유사한 부품 번호 - LC5512MV-4Q256C |
|
유사한 설명 - LC5512MV-4Q256C |