전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6619PBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF6619PBF
상세설명  DirectFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6619PBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF6619PBF Datasheet HTML 2Page - International Rectifier IRF6619PBF Datasheet HTML 3Page - International Rectifier IRF6619PBF Datasheet HTML 4Page - International Rectifier IRF6619PBF Datasheet HTML 5Page - International Rectifier IRF6619PBF Datasheet HTML 6Page - International Rectifier IRF6619PBF Datasheet HTML 7Page - International Rectifier IRF6619PBF Datasheet HTML 8Page - International Rectifier IRF6619PBF Datasheet HTML 9Page - International Rectifier IRF6619PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF6619PbF
www.irf.com
9
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.5/06
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6619TRPBF). For 1000 parts on 7"
reel, order IRF6619TR1PBF
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
DIMENSIONS
METRIC
IMPERIAL
LOADED TAPE FEED DIRECTION


유사한 부품 번호 - IRF6619PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6619PBF IRF-IRF6619PBF Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results

유사한 설명 - IRF6619PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com