전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5256MC-4F484C 데이터시트(PDF) 10 Page - Lattice Semiconductor

부품명 LC5256MC-4F484C
상세설명  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5256MC-4F484C 데이터시트(HTML) 10 Page - Lattice Semiconductor

Back Button LC5256MC-4F484C Datasheet HTML 6Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 7Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 8Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 9Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 10Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 11Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 12Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 13Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
10
True Dual-Port SRAM Mode
In Dual-Port SRAM Mode the multi-function array is configured as a dual port SRAM. In this mode two independent
read/write ports access the same 8,192-bits of memory. Data widths of 1, 2, 4, 8, and 16 are supported by the
MFB. Figure 9 shows the block diagram of the dual port SRAM.
Write data, address, chip select and read/write signals are always synchronous (registered.) The output data sig-
nals can be synchronous or asynchronous. Resets are asynchronous. All inputs on the same port share the same
clock, clock enable, and reset selections. All outputs on the same port share the same clock, clock enable, and
reset selections. Selections may be made independently between both inputs and outputs and ports. Table 5
shows the possible sources for the clock, clock enable and initialization signals for the various registers.
Figure 9. Dual-Port SRAM Block Diagram
Table 5. Register Clock, Clock Enable, and Reset in Dual-Port SRAM Mode
Register
Input
Source
Address, Write Data,
Read Data, Read/
Write, and Chip
Select
Clock
CLKA (CLKB) or one of the global clocks (CLK0 - CLK3). The selected sig-
nal can be inverted if desired.
Clock Enable
CENA (CENB) or one of the global clocks (CLK1 - CLK 2). The selected sig-
nal can be inverted if required.
Reset
Created by the logical OR of the global reset signal and RSTA (RSTB).
RSTA (RSTB) can be inverted is desired.
Read/Write Address
(ADA[0:8-12])
Clock A (CLKA)
Write/Read A (WRA)
Reset A (RSTA)
68 Inputs
From
Routing
Dual
Port
SRAM
Array
PORT A
PORT B
Similar signals
as PORT A:
ADB[0:8-12], RSTB,
CLKB, CENB, WRB,
CSB[0,1], DIB[0:0,1,3,7,15]
Write Data
(DIA[0:0,1,3,7,15])
Chip Sel A (CSA [0:1])
Clk En A (CENA)
RESET
CLK0
CLK3
CLK1
CLK2
RD Data A
(DOA[0:0-15])
RD Data B
(DOB[0:0-15])


유사한 부품 번호 - LC5256MC-4F484C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5256MC-4F256C LATTICE-LC5256MC-4F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

유사한 설명 - LC5256MC-4F484C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com