전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3121TMPX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN3121TMPX
상세설명  Single 9A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3121TMPX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3121TMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN3121TMPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122 • Rev. 1.0.0
6
Electrical Characteristics
Unless otherwise noted, VDD=12V and TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Operating Range
4.5
18.0
V
TTL
0.65
0.90
IDD
Supply Current, Inputs / EN Not Connected
CMOS
(8)
0.58
0.85
mA
VON
Turn-On Voltage
3.5
4.0
4.3
V
VOFF
Turn-Off Voltage
3.30
3.75
4.10
V
Inputs (FAN312xT)
(9)
VIL_T
INx Logic Low Threshold
0.8
1.0
V
VIH_T
INx Logic High Threshold
1.7
2.0
V
IIN+
Non-Inverting Input Current
IN from 0 to VDD
-1
175
µA
IIN-
Inverting Input Current
IN from 0 to VDD
-175
1
µA
VHYS_T
TTL Logic Hysteresis Voltage
0.40
0.70
0.85
V
Inputs (FAN312xC)
(9)
VIL_C
INx Logic Low Threshold
30
38
%VDD
VIH_C
INx Logic High Threshold
55
70
%VDD
IIN+
Non-Inverting Input Current
IN from 0 to VDD
-1
175
µA
IIN-
Inverting Input Current
IN from 0 to VDD
-175
1
µA
VHYS_C
CMOS Logic Hysteresis Voltage
12
17
24
%VDD
ENABLE (FAN3121, FAN3122)
VENL
Enable Logic Low Threshold
EN from 5V to 0V
1.2
1.6
2.0
V
VENH
Enable Logic High Threshold
EN from 0V to 5V
1.8
2.2
2.6
V
VHYS_T
TTL Logic Hysteresis Voltage
0.2
0.6
0.8
V
RPU
Enable Pull-up Resistance
68
100
134
kΩ
tD1, tD2
Propagation Delay, EN Rising
(10)
8
17
27
ns
tD1, tD2
Propagation Delay, EN Falling
(10)
14
21
33
ns
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(11)
OUT at VDD/2, CLOAD=1.0µF,
f=1kHz
9.7
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(11)
OUT at VDD/2, CLOAD=1.0µF,
f=1kHz
7.1
A
IPK_SINK
OUT Current, Peak, Sinking
(11)
CLOAD=1.0µF, f=1kHz
11.4
A
IPK_SOURCE OUT Current, Peak, Sourcing
(11)
CLOAD=1.0µF, f=1kHz
10.6
A
tRISE
Output Rise Time
(10)
CLOAD=10nF
18
23
29
ns
tFALL
Output Fall Time
(10)
CLOAD=10nF
11
19
27
ns
tD1, tD2
Output Propagation Delay, CMOS Inputs
(10) 0 – 12VIN, 1V/ns Slew Rate
9
18
28
ns
tD1, tD2
Output Propagation Delay, TTL Inputs
(10)
0 – 5VIN, 1V/ns Slew Rate
9
23
35
ns
IRVS
Output Reverse Current Withstand
(11)
1500
mA
Notes:
8.
Lower supply current due to inactive TTL circuitry.
9.
EN inputs have modified TTL thresholds; refer to the ENABLE section.
10. See Timing Diagrams of Figure 8 and Figure 9.
11. Not tested in production.


유사한 부품 번호 - FAN3121TMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3121TMPX FAIRCHILD-FAN3121TMPX Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results

유사한 설명 - FAN3121TMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com