전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2027 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FPF2027
상세설명  Full Functional Load Switch With 100mA Current Limit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2027 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF2027 Datasheet HTML 3Page - Fairchild Semiconductor FPF2027 Datasheet HTML 4Page - Fairchild Semiconductor FPF2027 Datasheet HTML 5Page - Fairchild Semiconductor FPF2027 Datasheet HTML 6Page - Fairchild Semiconductor FPF2027 Datasheet HTML 7Page - Fairchild Semiconductor FPF2027 Datasheet HTML 8Page - Fairchild Semiconductor FPF2027 Datasheet HTML 9Page - Fairchild Semiconductor FPF2027 Datasheet HTML 10Page - Fairchild Semiconductor FPF2027 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
©2008 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FPF2024/5/6/7 Final. B
Typical Characteristics
50us/DIV
10 ms/DIV
VIN=VON=3.3V
CIN=10uF
COUT=0.1uF
RL=500Ω
VIN
2V/DIV
VON
2V/DIV
ILOAD
100mA/DIV
VOUT
2V/DIV
TRESTART
VIN=VON=3.3V
CIN=10uF
COUT=10uF
RL=5Ω
VDRV
(Note3)
2V/DIV
FLAGB
2V/DIV
ILOAD
100mA/DIV
VOUT
2V/DIV
20us/DIV
500us/DIV
VIN
2V/DIV
VON
2V/DIV
ILOAD
100mA/
DIV
VOUT
2V/DIV
VIN
2V/DIV
VON
2V/DIV
ILOAD
2A/DIV
VOUT
2V/DIV
VIN=VON=3.3V
CIN=10uF
COUT=100uF
RL=5Ω
VIN=VON=3.3V
CIN=10uF
COUT=0.1uF
RL=100Ω
20us/DIV
VIN/VON
2V/DIV
ILOAD
100mA/DIV
VOUT
2V/DIV
VDRV
(Note3)
2V/DIV
ILOAD
100mA/DIV
FLAGB
2V/DIV
VOUT
2V/DIV
VIN=VON=3.3V
CIN=10uF
VOUT =GND
VIN=VON=3.3V
CIN=10uF
COUT=0.1uF
RL=100Ω
10 ms/DIV
Figure 15. FPF2024 Current Limit Response Time
Figure 16. FPF2024 Short Circuit Response Time
(Output is loaded by 5Ω and COUT = 100uF)
(Output shorted to GND while the switch is in normal operation)
Figure 13. FPF2024 TRESTART Response
Figure 14. FPF2024 Current Limit Response Time
(Output is loaded by 5Ω and COUT = 10uF)
Figure 17. FPF2024 Current Limit Response
Figure 18.FPF2027 Over-Current
(Input and enable pin are tied together and
Over-Current condition is applied while device in normal operation
VOUT is shorted to GND)
(FLAGB inserts immediately and reports the fault condition)


유사한 부품 번호 - FPF2027

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2000 FAIRCHILD-FPF2000 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

유사한 설명 - FPF2027

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com