전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2194 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FPF2194
상세설명  Full Function Load Switch with Adjustable Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2194 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FPF2194 Datasheet HTML 1Page - Fairchild Semiconductor FPF2194 Datasheet HTML 2Page - Fairchild Semiconductor FPF2194 Datasheet HTML 3Page - Fairchild Semiconductor FPF2194 Datasheet HTML 4Page - Fairchild Semiconductor FPF2194 Datasheet HTML 5Page - Fairchild Semiconductor FPF2194 Datasheet HTML 6Page - Fairchild Semiconductor FPF2194 Datasheet HTML 7Page - Fairchild Semiconductor FPF2194 Datasheet HTML 8Page - Fairchild Semiconductor FPF2194 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
FPF2193/4/5 Rev. F
Pin Configuration
Pin Description
Absolute Maximum Ratings
Recommended Operating Range
Electrical Characteristics
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Pin
Name
Function
C1
ISET
Current Limit Set Input: A resistor from ISET to ground sets the current limit for the switch.
B2
VIN
Supply Input: Input to the power switch and the supply voltage for the IC
B1
VOUT
Switch Output: Output of the power switch
A1
FLAGB
Fault Output: Active LO, open drain output which indicates an over current supply under
voltage or over temperature state.
C2
GND
Ground
A2
ON
ON Control Input: Active Hi
Parameter
Min.
Max.
Unit
VIN, VOUT, ON, FLAGB, ISET to GND
-0.3
6
V
Power Dissipation @ TA = 25°C (Note 1)
1.2
W
Operating Temperature Range
-40
125
°C
Storage Temperature
-65
150
°C
Thermal Resistance, Junction to Ambient
85
°C/W
Electrostatic Discharge Protection
HBM
8000
V
MM
400
V
Parameter
Min.
Max.
Unit
VIN
1.8
5.5
V
Ambient Operating Temperature, TA
-40
85
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Basic Operation
Operating Voltage
VIN
1.8
5.5
V
Quiescent Current
IQ
IOUT = 0mA
VON = VIN
VIN = 1.8V
70
A
VIN = 3.3V
75
VIN = 5.5V
80
On-Resistance
RON
TA = 25°C, IOUT = 200mA
55
80
m
TA = -40 to +85°C, IOUT = 200mA
135
1.0 x 1.5 CSP Bottom View
A1
A2
B1
B2
C1
C2
Note 1: Package power dissipation on 1square inch pad, 2 oz. copper board.


유사한 부품 번호 - FPF2194

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194 Datasheet
309Kb / 5P
   Reliable USB Modem Design Using the Combination of an Integrated Load Switch and a Buck Converter
FPF2194 FAIRCHILD-FPF2194 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2194 ONSEMI-FPF2194 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
More results

유사한 설명 - FPF2194

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com