전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2200 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FPF2200
상세설명  Integrated Load Switch with 500mA High Precision Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2200 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF2200 Datasheet HTML 3Page - Fairchild Semiconductor FPF2200 Datasheet HTML 4Page - Fairchild Semiconductor FPF2200 Datasheet HTML 5Page - Fairchild Semiconductor FPF2200 Datasheet HTML 6Page - Fairchild Semiconductor FPF2200 Datasheet HTML 7Page - Fairchild Semiconductor FPF2200 Datasheet HTML 8Page - Fairchild Semiconductor FPF2200 Datasheet HTML 9Page - Fairchild Semiconductor FPF2200 Datasheet HTML 10Page - Fairchild Semiconductor FPF2200 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
FPF2200-FPF2202 Rev. B
Typical Characteristics
Figure 13. TBLANK vs Temperature
Figure 14. TON Response
Figure 16. TBLANK Response
Figure 17. Current Limit Response
(Output is loaded with 1.2 resistor and COUT=10 F)
Figure 18. Current Limit Response
(Output is loaded with 1.2 resistor and COUT=100 F)
Figure 15. TOFF Response
VIN
2V/DIV
IOUT
10mA/DIV
VON
2V/DIV
VOUT
2V/DIV
100 s/DIV
500ns/DIV
10ms/DIV
100 s/DIV
500 s/DIV
VIN=3.3V,
RL=500 ,
CIN=10 F
VIN
2V/DIV
IOUT
10mA/DIV
VON
2V/DIV
VOUT
2V/DIV
VIN=3.3V,
RL=500 ,
CIN=10 F
VON
5V/DIV
IOUT
500mA/DIV
VFLAGB
2V/DIV
VOUT
2V/DIV
VIN=3.3V,
RL=5 ,
CIN=10 F
TBLANK
VON
2V/DIV
IOUT
500mA/DIV
VIN
2V/DIV
VOUT
2V/DIV
VIN=3.3V,
RL=1.2 ,
CIN=10 F
COUT=10 F
VIN
2V/DIV
VON
2V/DIV
IOUT
500mA/DIV
VOUT
2V/DIV
VIN=5V,
RL=1.2 ,
CIN=10 F
COUT=10 F
VIN
2V/DIV
VIN
2V/DIV
100 s/DIV
28
30
32
34
36
38
40
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE ( C)


유사한 부품 번호 - FPF2200

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
FPF2214 FAIRCHILD-FPF2214 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2214 ONSEMI-FPF2214 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
More results

유사한 설명 - FPF2200

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com