전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2195 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FPF2195
상세설명  Full Function Load Switch with Adjustable Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2195 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF2195 Datasheet HTML 3Page - Fairchild Semiconductor FPF2195 Datasheet HTML 4Page - Fairchild Semiconductor FPF2195 Datasheet HTML 5Page - Fairchild Semiconductor FPF2195 Datasheet HTML 6Page - Fairchild Semiconductor FPF2195 Datasheet HTML 7Page - Fairchild Semiconductor FPF2195 Datasheet HTML 8Page - Fairchild Semiconductor FPF2195 Datasheet HTML 9Page - Fairchild Semiconductor FPF2195 Datasheet HTML 10Page - Fairchild Semiconductor FPF2195 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
FPF2193/4/5 Rev. F
Typical Characteristics
Figure 13. TBLANK vs. Temperature
Figure 14. TON Response
Figure 18. Current Limit Response Time
(Output is loaded by 2.2 , COUT = 0.1 F)
CIN = 10 F
VIN = VON = 3.3V
VOUT = GND
RSET = 788
VIN = VON
2V/DIV
IOUT
500mA/DIV
50 s/DIV
Figure 17. Current Limit Response Time
(Switch is powered into a short)
CIN = 10 F
VIN = 3.3V
RSET = 788
VIN
2V/DIV
VOUT
2V/DIV
IOUT
5A/DIV
20 s/DIV
Figure 16. Short Circuit Response Time
(Output shorted to GND)
200 s/DIV
VON
2V/DIV
VOUT
2V/DIV
IOUT
10mA/DIV
VIN
2V/DIV
CIN = 10 F
COUT = 0.1 F
RL = 500
VIN = 3.3V
RSET = 788
CIN = 10 F
COUT = 0.1 F
RL = 500
VIN = 3.3V
RSET = 788
VON
2V/DIV
Figure 15. TOFF Response
IOUT
10mA/DIV
200 s/DIV
VIN
2V/DIV
VOUT
2V/DIV
CIN = 10 F
COUT = 0.1 F
VIN = 3.3V
RSET = 788
VIN
2V/DIV
VON
2V/DIV
VOUT
2V/DIV
IOUT
500mA/DIV
200 s/DIV
22
24
26
28
30
32
34
-65
-40
-15
10
35
60
85
110
135
TJ, JUNCTION TEMPERATURE (
oC)


유사한 부품 번호 - FPF2195

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2195 FAIRCHILD-FPF2195 Datasheet
309Kb / 5P
   Reliable USB Modem Design Using the Combination of an Integrated Load Switch and a Buck Converter
FPF2195 FAIRCHILD-FPF2195 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2195 ONSEMI-FPF2195 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
FPF2195BUCX ONSEMI-FPF2195BUCX Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
More results

유사한 설명 - FPF2195

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com