전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2147 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FPF2147
상세설명  Full Function Load Switch with Reverse Current Blocking
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2147 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FPF2147 Datasheet HTML 1Page - Fairchild Semiconductor FPF2147 Datasheet HTML 2Page - Fairchild Semiconductor FPF2147 Datasheet HTML 3Page - Fairchild Semiconductor FPF2147 Datasheet HTML 4Page - Fairchild Semiconductor FPF2147 Datasheet HTML 5Page - Fairchild Semiconductor FPF2147 Datasheet HTML 6Page - Fairchild Semiconductor FPF2147 Datasheet HTML 7Page - Fairchild Semiconductor FPF2147 Datasheet HTML 8Page - Fairchild Semiconductor FPF2147 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FPF2140/42/43/44/46/47 Rev. D
tm
October 2007
FPF2140/42/43/44/46/47
Full Function Load Switch with Reverse Current Blocking
Features
1.8 to 5.5V Input Voltage Range
Controlled Turn-On
200mA and 400mA Current Limit Options
Undervoltage Lockout
Thermal Shutdown
<2µA Shutdown Current
Auto Restart
Fast Current limit Response Time
5µs to Moderate Over Currents
30ns to Hard Shorts
Fault Blanking
Reverse Current Blocking
Power Good Function
RoHS Compliant
Applications
PDAs
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Hot Swap Supplies
General Description
The FPF2140/42/43/44/46/47 is a series of load switches which
provides full protection to systems and loads which may
encounter large current conditions. These devices contain a
0.12Ω current-limited P-channel MOSFET which can operate
over an input voltage range of 1.8-5.5V. Internally, current is
prevented from flowing when the MOSFET is off and the output
voltage is higher than the input voltage. Switch control is by a
logic input (ON) capable of interfacing directly with low voltage
control signals. Each part contains thermal shutdown protection
which shuts off the switch to prevent damage to the part when a
continuous over-current condition causes excessive heating.
When the switch current reaches the current limit, the part
operates in a constant-current mode to prohibit excessive
currents from causing damage. For the FPF2140/42/44/46, if
the constant current condition still persists after 30ms, the part
will shut off the switch and pull the fault signal pin (FLAGB) low.
The FPF2140/44 have an auto-restart feature which will turn the
switch on again after 450ms if the ON pin is still active. The
FPF2142/46 do not have this auto-restart feature so the switch
will remain off until the ON pin is cycled. For the FPF2143/47, a
current limit condition will immediately pull the fault signal pin
low and the part will remain in the constant-current mode until
the switch current falls below the current limit. The minimum
current limit is 200mA for the FPF2140/42/43 while that for the
FPF2144/46/47 is 400mA.
These parts are available in a space-saving 6 pin 2X2 MLP
package.
Ordering Information
Part
Current Limit
[mA]
Current Limit
Blanking Time
[ms]
Auto-Restart
Time
[ms]
ON Pin
Activity
FPF2140
200/300/400
15/30/60
225/450/900
Active HI
FPF2142
200/300/400
15/30/60
NA
Active HI
FPF2143
200/300/400
0
NA
Active HI
FPF2144
400/600/800
15/30/60
225/450/900
Active HI
FPF2146
400/600/800
15/30/60
NA
Active HI
FPF2147
400/600/800
0
NA
Active HI
BOTTOM
TOP
Pin 1


유사한 부품 번호 - FPF2147

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2148 FAIRCHILD-FPF2148 Datasheet
760Kb / 12P
   Full Function Load Switch
More results

유사한 설명 - FPF2147

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
   Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com