전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5336MPX 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN5336MPX
상세설명  1.5MHz Boost Regulator with 33V Integrated FET Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5336MPX 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5336MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FAN5336 Rev. 1.0.1
9
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Mechanical Dimensions
Dimensions are in millimeters unless otherwise noted.
Figure 12. 6-Lead 3x3 Ultrathin Molded Leadless Package (UMLP)
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
A. CONFORMS TO JEDEC REGISTRATION MO-229,
VARIATION VEEA, DATED 8/2003, EXCEPT THICKNESS
ASME Y14.5M, 1994
0.10
CA B
0.05
C
0.15 C
0.08 C
B
A
C
3.0
3.0
0.05
0.00
2.00
1.21
1.90
0.15 C
2X
2X
0.45
0.20
0.6 MAX
SEATING
PLANE
2.10
1.65
2.45
0.65 TYP
0.95 TYP
3.50
0.10 C
PIN #1 IDENT
1
3
4
6
13
4
6
(0.70)
0.30~0.45
0.2 MIN
(0.20)
0.95
D. FILENAME AND REVISION: UMLP06Arev1


유사한 부품 번호 - FAN5336MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5336MPX FAIRCHILD-FAN5336MPX Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
More results

유사한 설명 - FAN5336MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Micrel Semiconductor
MIC3223 MICREL-MIC3223 Datasheet
1Mb / 24P
   High Power Boost LED Driver with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com