전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5602_0705 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN5602_0705
상세설명  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602_0705 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5602_0705 Datasheet HTML 2Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 3Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 4Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 5Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 6Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 7Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 8Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 9Page - Fairchild Semiconductor FAN5602_0705 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5602 Rev. 1.5.1
6
Typical Performance Characteristics
TA = 25°C, VOUT = 4.5V unless otherwise noted.
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. Shutdown Current vs. Input Voltage
Figure 6. Line Regulation
Figure 7. Efficiency vs. Input Voltage
Figure 8. Load Regulation
Figure 9. Output Current Capacity vs. Input Voltage
Input Voltage (V)
0
20
40
60
80
100
120
140
160
180
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
60
70
80
12
34
56
Input Voltage (V)
Input Voltage
20
30
40
50
60
70
80
90
100
2.500
3.500
3.000
4.500
5.500
4.000
5.000
Load Current = 10mA
Load Current = 50mA
Load Current = 100mA
Load Current = 150mA
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4.30
4.35
4.40
4.45
4.50
4.55
Input Voltage (V)
ILOAD = 100mA
VOUT = 4.5V
1
50
100
150
200
250
300
350
4.0
4.2
4.1
4.3
4.4
4.5
4.6
Load Currrent (mA)
VIN = 3.6V
Input Voltage (V)
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
2
2.5
3
3.5
4
4.5
5
DVOUT < 10%
DVOUT < 3%


유사한 부품 번호 - FAN5602_0705

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results

유사한 설명 - FAN5602_0705

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com