전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5350UCX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN5350UCX
상세설명  3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5350UCX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5350UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5350UCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5350 Rev. 1.0.3
6
Operation Description
The FAN5350 is a step-down switching voltage regulator
that delivers a fixed 1.82V from an input voltage supply of
2.7V to 5.5V. Using a proprietary architecture with
synchronous rectification, the FAN5350 is capable of
delivering 600mA at over 90% efficiency, while
maintaining a light load efficiency of over 80% at load
currents as low as 1mA. The regulator operates at a
nominal frequency of 3MHz at full load, which reduces the
value of the external components to 1µH for the output
inductor and 4.7µF for the output capacitor.
Control Scheme
The FAN5350 uses a proprietary non-linear, fixed-
frequency PWM modulator to deliver a fast load
transient response, while maintaining a constant
switching frequency over a wide range of operating
conditions. The regulator performance is independent of
the output capacitor ESR, allowing for the use of
ceramic output capacitors. Although this type of
operation normally results in a switching frequency that
varies with input voltage and load current, an internal
frequency loop holds the switching frequency constant
over a large range of input voltages and load currents.
For very light loads, the FAN5350 operates in
discontinuous current (DCM) single-pulse PFM mode,
which produces low output ripple compared with other
PFM architectures. Transition between PWM and PFM
is seamless, with a glitch of less than 14mV at VOUT
during the transition between DCM and CCM modes.
Combined
with
exceptional
transient
response
characteristics, the very low quiescent current of the
controller (<16µA) maintains high efficiency, even at
very light loads, while preserving fast transient response
for applications requiring very tight output regulation.
Enable and Soft Start
Maintaining the EN pin LOW keeps the FAN5350 in
non-switching mode in which all circuits are off and the
part draws ~50nA of current. Increasing EN above its
threshold voltage activates the part and starts the soft-
start cycle. During soft start, the current limit is
increased in discrete steps so that the inductor current
is increased in a controlled manner. This minimizes any
large surge currents on the input and prevents any
overshoot of the output voltage.
Under-Voltage Lockout
When EN is high, the under-voltage lock-out keeps the
part from operating until the input supply voltage rises
high enough to properly operate. This ensures no
misbehavior of the regulator during start-up or shutdown.
Current Limiting
A heavy load or short circuit on the output causes the
current in the inductor to increase until a maximum
current threshold is reached in the high-side switch.
Upon reaching this point, the high-side switch turns off,
preventing high currents from causing damage.
The peak current limit shown in Figure 16, ILIM(PK) is
slightly higher than the open-loop tested current limit,
ILIM(OL), in the Electrical Characteristics table. This is
primarily due to the effect of propagation delays of the
IC current limit comparator.
Thermal Shutdown
When the die temperature increases, due to a high load
condition and/or a high ambient temperature, the output
switching is disabled until the temperature on the die
has fallen sufficiently. The junction temperature at
which the thermal shutdown activates is nominally
150°C with a 20°C hysteresis.


유사한 부품 번호 - FAN5350UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5350UCX FAIRCHILD-FAN5350UCX Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350UCX ONSEMI-FAN5350UCX Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
More results

유사한 설명 - FAN5350UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350 Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350 ONSEMI-FAN5350 Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
   3MHz, 1A Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com