전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5665UCX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN5665UCX
상세설명  High-Efficiency, Adaptive Charge Pump 5V Boost
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5665UCX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5665UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5665 • Rev. 1.0.1
6
Typical Performance Characteristics (Continued)
Unless otherwise noted, CIN = 2.2µF, COUT = 2.2µF, C1 = C2 = 0.22µF, TA = 25°C.
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
-40
-15
10
35
60
85
Temperature (°C)
UVLO Rising
UVLO Falling
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
0
5
10
15
20
25
30
Output Current (mA)
VIN=2.9V
VIN=4.2V
VIN=5.5V
Figure 9. UVLO Threshold vs. Temperature
Figure 10. Load Regulation
4.86
4.88
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
-40
-15
10
35
60
85
Temperature (°C)
VIN=2.9V
IOUT=30mA
IOUT=20mA
IOUT=1mA
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
-40
-15
10
35
60
85
Temperature (°C)
VIN=4V
IOUT=30mA
IOUT=20mA
IOUT=1mA
Figure 11.
Output Voltage vs. Temperature
Figure 12.
Output Voltage vs. Temperature
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
5.12
-40
-15
10
35
60
85
Temperature (°C)
VIN=5.5V
IOUT=1mA
IOUT=20mA
IOUT=30mA
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
5.3
Input Voltage (V)
IOUT=0mA
IOUT=20mA
IOUT=30mA
Figure 13. Output Voltage vs. Temperature
Figure 14. Line Regulation
55
60
65
70
75
80
85
90
95
2.9
3.4
3.9
4.4
4.9
5.4
Input Voltage (V)
Iout = 1mA
Iout = 5mA
Iout = 10mA
Iout = 20mA
Iout = 30mA
65
70
75
80
85
90
95
010
20
30
Output Current (mA)
VIN=2.9V
VIN=4.3V
VIN=5.5V
Figure 15. Efficiency vs. Input Voltage
Figure 16. Efficiency vs. Output Current


유사한 부품 번호 - FAN5665UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
More results

유사한 설명 - FAN5665UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Jiaxing Heroic Technolo...
HT8310 HEROIC-HT8310 Datasheet
601Kb / 4P
   Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
logo
Fairchild Semiconductor
FAN5616 FAIRCHILD-FAN5616 Datasheet
917Kb / 14P
   High-Efficiency, Constant-Current LED Driver with Adaptive Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com