전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2225 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FPF2225
상세설명  Integrated Load Switch with Adjustable High Precision Current Limit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2225 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF2225 Datasheet HTML 3Page - Fairchild Semiconductor FPF2225 Datasheet HTML 4Page - Fairchild Semiconductor FPF2225 Datasheet HTML 5Page - Fairchild Semiconductor FPF2225 Datasheet HTML 6Page - Fairchild Semiconductor FPF2225 Datasheet HTML 7Page - Fairchild Semiconductor FPF2225 Datasheet HTML 8Page - Fairchild Semiconductor FPF2225 Datasheet HTML 9Page - Fairchild Semiconductor FPF2225 Datasheet HTML 10Page - Fairchild Semiconductor FPF2225 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
www.fairchildsemi.com
FPF2223-FPF2225 Rev. B
Typical Characteristics
Figure 13. TBLANK vs Temperature
Figure 14. Turn On Response
Figure 16. TBLANK Response
Figure 17. TRESTART Response
Figure 18. Current Limit Response
(Output is loaded with 1.2 resistor and COUT=10 F)
Figure 15. Turn Off Response
500ns/DIV
VDRV1
5V/DIV
VFLAGB
2V/DIV
10ms/DIV
IOUT
500mA/DIV
VIN
2V/DIV
VON
2V/DIV
VOUT
2V/DIV
100 s/DIV
IOUT
10mA/DIV
VIN=3.3V,
RL=500 ,
CIN=10uF,
RSET=36K
100 s/DIV
VIN
2V/DIV
VON
2V/DIV
VOUT
2V/DIV
IOUT
10mA/DIV
VIN=3.3V,
RL=500 ,
CIN=10uF,
RSET=36K
VOUT
2V/DIV
VIN=5V, CIN=10uF,
RL=100 ,COUT=1uF,
RSET=36K
TBLANK
VDRV1
5V/DIV
VFLAGB
2V/DIV
100ms/DIV
IOUT
500mA/DIV
VOUT
2V/DIV
VIN=5V, CIN=10uF,
RL=100 ,COUT=1uF,
RSET=36K
TRESTART
Note1: VDRV signal drives the gate of a NMOS transistor. The NMOS transistor is in series with a 5 resistor and is connected to the
output of device. By turning on the transistor, the 5 resistor is loaded to the output and forces the device to go into overcurrent
condition.
VON
2V/DIV
VIN
2V/DIV
VOUT
2V/DIV
IOUT
10mA/DIV
VIN=3.3V, CIN=10uF,
RL=1.2 ,COUT=10uF,
RSET=36K
1
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
TRESTART
TBLANK


유사한 부품 번호 - FPF2225

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF2225 ONSEMI-FPF2225 Datasheet
843Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
More results

유사한 설명 - FPF2225

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ETA SOLUTIONS CO. LIMIT...
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com