전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2116 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FPF2116
상세설명  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2116 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FPF2116 Datasheet HTML 4Page - Fairchild Semiconductor FPF2116 Datasheet HTML 5Page - Fairchild Semiconductor FPF2116 Datasheet HTML 6Page - Fairchild Semiconductor FPF2116 Datasheet HTML 7Page - Fairchild Semiconductor FPF2116 Datasheet HTML 8Page - Fairchild Semiconductor FPF2116 Datasheet HTML 9Page - Fairchild Semiconductor FPF2116 Datasheet HTML 10Page - Fairchild Semiconductor FPF2116 Datasheet HTML 11Page - Fairchild Semiconductor FPF2116 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.fairchildsemi.com
FPF2116 Rev. D
Typical Characteristics
Figure 19. Short Circuit Response Time
Figure 20. Current Limit Response
(Output Shorted to GND)
(Switch power up to hard short)
Figure 21. Current Limit Response Time
(Output Shorted to GND by 10Ω, moderate short)
VIN
2V / DIV
IOUT
5A/DIV
VOUT
2V/DIV
20µs/DIV
50µs/DIV
VIN/VON
2V/DIV
IOUT
200mA/DIV
VIN = VON
CIN = 10µF
COUT = 0.1µF
VIN
2V/DIV
VON
2V/DIV
IOUT
200mA/DIV
50µs/DIV


유사한 부품 번호 - FPF2116

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116 Datasheet
324Kb / 12P
   IntelliMAX Advanced Load Management Products
logo
ON Semiconductor
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
   Advanced Load Management Products
August 2008 Rev. D
More results

유사한 설명 - FPF2116

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com