전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8878 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FDS8878
상세설명  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8878 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FDS8878_07 Datasheet HTML 2Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 3Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 6Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 7Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 8Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 9Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8878 Rev. B
www.fairchildsemi.com
6
Figure 11.
0.8
1.0
1.2
1.4
1.6
TJ, JUNCTION TEMPERATURE (oC)
VGS = 10V, ID = 10.2A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
-80
-40
0
40
80
120
160
Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 12.
10
1000
0.1
1
10
2000
30
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs Drain to Source
Voltage
Figure 13.
0
2
4
6
8
10
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 10.2A
ID = 1A
WAVEFORMS IN
DESCENDING ORDER:
03
69
12
15
18
Gate Charge Waveforms for Constant
Gate Currents
Figure 14. Forward Bias Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DC
10s
1s
100ms
10ms
1ms
100us
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Typical Characteristics T
J = 25°C unless otherwise noted


유사한 부품 번호 - FDS8878_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8878_NL FAIRCHILD-FDS8878_NL Datasheet
634Kb / 12P
   N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS8878_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com