전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8876 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS8876
상세설명  N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8876 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS8876_07 Datasheet HTML 1Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 2Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 3Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 6Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 7Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 8Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8876 Rev. B
www.fairchildsemi.com
3
Switching Characteristics (VGS = 10V)
tON
Turn-On Time
VDD = 15V, ID = 12.5A
VGS = 10V, RGS = 10Ω
-
-
63
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
34
-
ns
td(OFF)
Turn-Off Delay Time
-
53
-
ns
tf
Fall Time
-
19
-
ns
tOFF
Turn-Off Time
-
-
108
ns
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Voltage
ISD = 12.5A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 12.5A, dISD/dt = 100A/µs
-
-
29
ns
QRR
Reverse Recovered Charge
ISD = 12.5A, dISD/dt = 100A/µs
-
-
15
nC
Notes:
1: Starting TJ = 25°C, L = 1mH, IAS = 14.5A, VDD = 30V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
a) 50°C/W when mounted on a 1in2 pad of 2 oz copper.
b) 125°C/W when mounted on a minimum pad.


유사한 부품 번호 - FDS8876_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8876_NL FAIRCHILD-FDS8876_NL Datasheet
262Kb / 12P
   N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS8876_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8870 FAIRCHILD-FDB8870_10 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDMS8680 FAIRCHILD-FDMS8680 Datasheet
215Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com