전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBF15CH60BT 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSBF15CH60BT
상세설명  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBF15CH60BT 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSBF15CH60BT Datasheet HTML 1Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 2Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 3Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 4Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 5Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 6Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 7Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 8Page - Fairchild Semiconductor FSBF15CH60BT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSBF15CH60BT Rev. C
July 2007
Motion-SPM
TM
FSBF15CH60BT
Smart Power Module
Features
• UL Certified No.E209204(SPM27-JA package)
• 600V-15A 3-phase IGBT inverter bridge including control ICs
for gate driving and protection
• Easy PCB layout due to built in bootstrap diode
• Divided negative dc-link terminals for inverter current sensing
applications
• Single-grounded power supply due to built-in HVIC
• Isolation rating of 2500Vrms/min.
Applications
• AC 100V ~ 253V three-phase inverter drive for small power
ac motor drives
• Home appliances applications like air conditioner and wash-
ing machine
General Description
It is an advanced motion-smart power module (Motion-SPMTM)
that Fairchild has newly developed and designed to provide
very compact and high performance ac motor drives mainly tar-
geting low-power inverter-driven application like air conditioner
and washing machine. It combines optimized circuit protection
and drive matched to low-loss IGBTs. System reliability is fur-
ther enhanced by the integrated under-voltage lock-out and
short-circuit protection. The high speed built-in HVIC provides
opto-coupler-less single-supply IGBT gate driving capability that
further reduce the overall size of the inverter system design.
Each phase current of inverter can be monitored separately due
to the divided negative dc terminals.
Figure 1.
44mm
26.8mm
Top View
Bottom View


유사한 부품 번호 - FSBF15CH60BT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBF15CH60BTL FAIRCHILD-FSBF15CH60BTL Datasheet
412Kb / 17P
   Smart Power Module
More results

유사한 설명 - FSBF15CH60BT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com