전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N32TVM 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 4N32TVM
상세설명  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N32TVM 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button 4N32TVM Datasheet HTML 2Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 3Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 4Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 5Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 6Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 7Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 8Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 9Page - Fairchild Semiconductor 4N32TVM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.0
8
Ordering Information
Marking Information
Suffix
Example
Option
No Suffix
4N32M
Standard Through Hole Device
S
4N32SM
Surface Mount Lead Bend
SR2
4N32SR2M
Surface Mount; Tape and reel
T
4N32TM
0.4" Lead Spacing
V
4N32VM
VDE 0884
TV
4N32TVM
VDE 0884, 0.4" Lead Spacing
SV
4N32SVM
VDE 0884, Surface Mount
SR2V
4N32SR2VM
VDE 0884, Surface Mount, Tape & Reel
4N29
V
X YY Q
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


유사한 부품 번호 - 4N32TVM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N32TVM FAIRCHILD-4N32TVM Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

유사한 설명 - 4N32TVM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com