전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5099 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN5099
상세설명  Wide Frequency Synchronous Buck PW & LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN5099 Datasheet HTML 1Page - Fairchild Semiconductor FAN5099 Datasheet HTML 2Page - Fairchild Semiconductor FAN5099 Datasheet HTML 3Page - Fairchild Semiconductor FAN5099 Datasheet HTML 4Page - Fairchild Semiconductor FAN5099 Datasheet HTML 5Page - Fairchild Semiconductor FAN5099 Datasheet HTML 6Page - Fairchild Semiconductor FAN5099 Datasheet HTML 7Page - Fairchild Semiconductor FAN5099 Datasheet HTML 8Page - Fairchild Semiconductor FAN5099 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.5
5
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Electrical Characteristics
Unless otherwise noted, VCC = 5V, TA = 25°C, using the circuit in Figure 1. The ‘•’ denotes that the specifications apply
to the full ambient operating temperature range.(2,3)
Continued on the following page...
Symbols
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
VCC to GND
4.5
5.0
5.5
V
TA
Ambient Temperature
Commercial
-10
+85
°C
Industrial
-40
+85
°C
TJ
Junction Temperature
+125
°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Current
IVCC
VCC Current (Quiescent)
HDRV, LDRV Open
2.6
3.2
3.8
mA
IVCC(SD)
VCC Current (Shutdown)
EN = 0V, VCC = 5.5V
200
400
μA
IVCC(OP)
VCC Current (Operating)
EN = 5V, VCC = 5.0V,
QFET = 20nC, fSW = 200kHz
10
15
mA
VSHUNT
VCC Voltage
(4)
Sinking 1mA to 100mA at VCC Pin
5.4
5.9
V
Under-Voltage Lockout (UVLO)
UVLO(H)
Rising VCC UVLO Threshold
4.00
4.25
4.50
V
UVLO(L)
Falling VCC UVLO Threshold
3.60
3.75
4.00
V
VCC UVLO Threshold
Hysteresis
0.5
V
Soft-Start
ISS
Current
10
μA
VLDOSTART LDO Start Threshold
2.2
V
VSSOK
PWM Protection Enable
Threshold
1.2
V
Oscillator
fOSC
Frequency
R(T) = 25.5K
Ω ± 1%
240
300
360
kHz
R(T) = 199K
Ω ± 1%
60
80
100
kHz
R(T) = Open
50
kHz
Operating Frequency Range
40
600
kHz
ΔV
RAMP
Ramp Amplitude
(Peak-to-Peak)
R(RAMP) = 330K
Ω
0.4
V
Minimum On Time
f = 200kHz
200
ns
Reference
VREF
Reference Voltage
(Measured at FB Pin)
TA = 0°C to 70°C
790
800
810
mV
TA = -40°C to 85°C
788
800
812
mV
Current Amplifier Reference
(at SW node)
160
mV


유사한 부품 번호 - FAN5099

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099EMTCX FAIRCHILD-FAN5099EMTCX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099EMX FAIRCHILD-FAN5099EMX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099MTCX FAIRCHILD-FAN5099MTCX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099MX FAIRCHILD-FAN5099MX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
More results

유사한 설명 - FAN5099

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com