전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFP08S60S 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FFP08S60S
상세설명  8A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08S60S 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FFP08S60S_07 Datasheet HTML 1Page - Fairchild Semiconductor FFP08S60S_07 Datasheet HTML 2Page - Fairchild Semiconductor FFP08S60S_07 Datasheet HTML 3Page - Fairchild Semiconductor FFP08S60S_07 Datasheet HTML 4Page - Fairchild Semiconductor FFP08S60S_07 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FFP08S60S Rev. B
Typical Performance Characteristics T
C = 25°C unless otherwise noted
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
Figure 5. Typical Reverse Recovery Current
Figure 6. Forward Current Deration Curve
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.1
1
10
100
T
C
=75
oC
T
C
=25
oC
FORWARD VOLTAGE, V
F
[V]
T
C
=125
oC
0
100
200
300
400
500
600
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
T
C
= 25
oC
T
C
= 75
oC
REVERSE VOLTAGE, V
R
[V]
T
C
= 125
oC
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
REVERSE VOLTAGE, V
R
[V]
f = 1MHz
100
200
300
400
500
0
10
20
30
40
50
60
70
80
90
100
T
C
= 125
oC
T
C
= 75
oC
di/dt [A/µs]
T
C
= 25
oC
I
F
= 8A
100
200
300
400
500
0
1
2
3
4
5
6
7
8
9
10
T
C
= 25
oC
T
C
= 75
oC
di/dt [A/µs]
T
C
= 125
oC
I
F
=8A
100
110
120
130
140
150
0
1
2
3
4
5
6
7
8
9
10
11
12
CASE TEMPERATURE, T
C
[
oC]
DC


유사한 부품 번호 - FFP08S60S_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP08S60SNTU FAIRCHILD-FFP08S60SNTU Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP08S60STU FAIRCHILD-FFP08S60STU Datasheet
135Kb / 5P
   Stealth 2 Rectifier
More results

유사한 설명 - FFP08S60S_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
Silicon Supplies
MURC860 SS-MURC860 Datasheet
1Mb / 4P
   600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com