전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF10H60STU 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FFPF10H60STU
상세설명  Hyperfast 2 Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10H60STU 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FFPF10H60STU Datasheet HTML 1Page - Fairchild Semiconductor FFPF10H60STU Datasheet HTML 2Page - Fairchild Semiconductor FFPF10H60STU Datasheet HTML 3Page - Fairchild Semiconductor FFPF10H60STU Datasheet HTML 4Page - Fairchild Semiconductor FFPF10H60STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FFPF10H60S Rev. A
Typical Performance Characteristics T
C = 25°C unless otherwise noted
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
Figure 5. Typical Reverse Recovery Current
Figure 6. Forward Current Deration Curve
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.1
1
10
100
T
C
=75
oC
T
C
=25
oC
FORWARD VOLTAGE, V
F
[V]
T
C
=125
oC
0
100
200
300
400
500
600
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
T
C
= 25
oC
T
C
= 75
oC
REVERSE VOLTAGE, V
R
[V]
T
C
= 125
oC
1
10
100
1000
0
10
20
30
40
50
60
70
REVERSE VOLTAGE, V
R
[V]
f = 1MHz
50
100
150
200
250
300 350 400 450500
0
10
20
30
40
50
60
70
80
90
100
T
C
= 125
oC
T
C
= 75
oC
di/dt [A/µs]
T
C
= 25
oC
I
F
= 10A
50
100
150
200
250
300 350 400 450500
0
1
2
3
4
5
6
7
8
9
10
T
C
= 25
oC
T
C
= 75
oC
di/dt [A/µs]
T
C
= 125
oC
I
F
= 10A
50
60
70
80
90
100
110
120
130
140
150
0
2
4
6
8
10
12
14
16
CASE TEMPERATURE, T
C
[
oC]
DC


유사한 부품 번호 - FFPF10H60STU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
More results

유사한 설명 - FFPF10H60STU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF08H60S FAIRCHILD-FFPF08H60S Datasheet
129Kb / 5P
   Hyperfast 2 Rectifier
FFP08H60S FAIRCHILD-FFP08H60S_07 Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
FFP04H60S FAIRCHILD-FFP04H60S Datasheet
348Kb / 5P
   4A, 600V Hyperfast 2 Rectifier
logo
Vishay Siliconix
VS-2EFH02-M3 VISHAY-VS-2EFH02-M3 Datasheet
113Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 28-Jun-16
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3 Datasheet
123Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EFH01HM3 VISHAY-VS-2EFH01HM3_V01 Datasheet
154Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02-M3 VISHAY-VS-2EJH02-M3_V01 Datasheet
157Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02HM3 VISHAY-VS-2EJH02HM3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EMH01HM3 VISHAY-VS-2EMH01HM3 Datasheet
124Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3_V01 Datasheet
132Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com