전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP7G75US60 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FP7G75US60
상세설명  Transfer Molded Type IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FP7G75US60 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FP7G75US60 Datasheet HTML 1Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 2Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 3Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 4Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 5Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 6Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 7Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 8Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FP7G75US60 Rev. A
Typical Performance Characteristics
024
68
0
40
80
120
160
200
20V
12V
15V
V
GE
= 10V
Common Emitter
T
C
= 25
o
C
VCE, Collector-Emitter Voltage[V]
0.3
1
10
20
0
40
80
120
160
200
Common Emitter
V
GE
= 15V
T
C
= 25
o
C
T
C
= 125
o
C
VCE, Collector-Emitter Voltage[V]
0
50
100
150
0
1
2
3
4
5
150A
75A
I
C
= 40A
Com m on Em itter
V
GE
= 15V
TC, Case Tem perature[
o
C]
0
20
40
60
80
100
120
0.1
1
10
100
1000
Duty cycle : 50%
T
C
= 100
o
C
Power Dissipation = 130W
V
CC
= 300V
Load Current : peak of square wave
Frequency [Khz]
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C
= 25
o
C
150A
75A
I
C
= 40A
VGE, Gate-Emitter Voltage[V]
0
4
8
121620
0
4
8
12
16
20
Common Emitter
T
C
= 25
o
C
150A
75A
I
C
= 40A
VGE, Gate-Emitter Voltage[V]
Fig 1. Typical Output Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
Fig 2. Typical Saturation Voltage Characteristics


유사한 부품 번호 - FP7G75US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G50US60 FAIRCHILD-FP7G50US60 Datasheet
923Kb / 10P
   Transfer Molded Type IGBT Module
More results

유사한 설명 - FP7G75US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G50US60 FAIRCHILD-FP7G50US60 Datasheet
923Kb / 10P
   Transfer Molded Type IGBT Module
logo
Mitsubishi Electric Sem...
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
logo
Fuji Electric
1MBK50D-060S FUJI-1MBK50D-060S Datasheet
390Kb / 5P
   Molded IGBT
1MBK30D-060S FUJI-1MBK30D-060S Datasheet
443Kb / 5P
   Molded IGBT
1MBH15-120 FUJI-1MBH15-120_01 Datasheet
260Kb / 5P
   Molded IGBT
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com