전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP7G75US60 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FP7G75US60
상세설명  Transfer Molded Type IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FP7G75US60 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FP7G75US60 Datasheet HTML 1Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 2Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 3Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 4Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 5Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 6Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 7Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 8Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FP7G75US60 Rev. A
tm
July 2008
Power-SPM
TM
FP7G75US60
Transfer Molded Type IGBT Module
General Description
Fairchild’s New IGBT Modules ( Transfer Molded Type ) provide
low conduction and switching losses as well as short circuit
ruggedness. They are designed for applications such as Motor
control, Uninterrupted Power Supplies (UPS) and general
Inverters where short circuit ruggedness is a required feature.
Features
• Short Circuit rated 10us @Tc=100
°C, Vge=15V
• High Speed Switching
• Low Saturation Voltage : Vce(sat) =2.2V @Ic=75A
• High Input Impedance
• Fast & Soft Anti-Parallel FWD
Application
•Welders
• AC & DC Motor Controls
• General Purpose Inverters
• Robotics
• Servo Controls
•UPS
Absolute Maximum Ratings
Symbol
Description
Rating
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C
75
A
ICM (1)
Pulsed Collector Current
150
A
IF
Diode Continuous Forward Current
@ TC = 100°C
75
A
IFM
Diode Maximum Forward Current
150
A
TSC
Short Circuit Withstand Time
@ TC = 100°C
10
us
PD
Maximum Power Dissipation
@ TC = 25°C
310
W
TJ
Operating Junction Temperature
-40 to +125
°C
Tstg
Storage Temperature Range
-40 to +125
°C
Viso
Isolation Voltage
@ AC 1minute
2500
V
Mounting
Torque
Power Terminals Screw : M5
2.0
N.m
Mounting Screw : M5
2.0
N.m
Internal Circuit Diagram
1
2
45
6
7
3
1
2
45
6
7
3
1
2
45
6
7
3
Package Code : EPM7


유사한 부품 번호 - FP7G75US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G50US60 FAIRCHILD-FP7G50US60 Datasheet
923Kb / 10P
   Transfer Molded Type IGBT Module
More results

유사한 설명 - FP7G75US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G50US60 FAIRCHILD-FP7G50US60 Datasheet
923Kb / 10P
   Transfer Molded Type IGBT Module
logo
Mitsubishi Electric Sem...
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
logo
Fuji Electric
1MBK50D-060S FUJI-1MBK50D-060S Datasheet
390Kb / 5P
   Molded IGBT
1MBK30D-060S FUJI-1MBK30D-060S Datasheet
443Kb / 5P
   Molded IGBT
1MBH15-120 FUJI-1MBH15-120_01 Datasheet
260Kb / 5P
   Molded IGBT
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com