전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6299S 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FDS6299S
상세설명  30V N-Channel PowerTrench짰 SyncFET?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6299S 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FDS6299S Datasheet HTML 1Page - Fairchild Semiconductor FDS6299S Datasheet HTML 2Page - Fairchild Semiconductor FDS6299S Datasheet HTML 3Page - Fairchild Semiconductor FDS6299S Datasheet HTML 4Page - Fairchild Semiconductor FDS6299S Datasheet HTML 5Page - Fairchild Semiconductor FDS6299S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDS6299S Rev C1 (W)
Typical Characteristics (continued)
SyncFET Schottky Body Diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits
similar characteristics to a discrete external Schottky
diode in parallel with a MOSFET. Figure 12 shows the
reverse recovery characteristic of the FDS6299S.
Figure 12. FDS6299S SyncFET body
diode reverse recovery characteristic.
Schottky barrier diodes exhibit significant leakage at high
temperature and high reverse voltage. This will increase
the power in the device.
0.00001
0.0001
0.001
0.01
0.1
0
5
10
15
20
25
30
VDS, REVERSE VOLTAGE (V)
TA = 125
oC
TA = 25
oC
TA = 100
oC
Figure 13. SyncFET body diode reverse
leakage versus drain-source voltage and
temperature.
TIME : 12.5ns/div


유사한 부품 번호 - FDS6299S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS6299S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com