전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6670AS 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS6670AS
상세설명  30V N-Channel PowerTrench짰 SyncFET?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6670AS 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS6670AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS6670AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS6670AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS6670AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS6670AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS6670AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS6670AS_08 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©200
8 Fairchild Semiconductor Corporation
FDS6670AS Rev A
2 (X)
FDS6670AS
30V N-Channel PowerTrench
®
SyncFET
General Description
The FDS6670AS is designed to replace a single SO-8
MOSFET and Schottky diode in synchronous DC:DC
power supplies.
This 30V MOSFET is designed to
maximize power conversion efficiency, providing a low
RDS(ON)
and low gate charge.
The FDS6670AS
includes an integrated Schottky diode using Fairchild’s
monolithic SyncFET technology.
Applications
• DC/DC converter
• Low side notebook
Features
• 13.5 A, 30 V. R
DS(ON) max= 9.0 mΩ @ VGS = 10 V
RDS(ON) max= 11.5 mΩ @ VGS = 4.5 V
• Includes SyncFET Schottky body diode
• Low gate charge (27nC typical)
• High performance trench technology for extremely low
RDS(ON) and fast switching
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
13.5
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6670AS
FDS6670AS
13’’
12mm
2500 units
tm
May 2008
RoHS Compliant


유사한 부품 번호 - FDS6670AS_08

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDS6670AS-NL VBSEMI-FDS6670AS-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS_10 Datasheet
300Kb / 7P
   30V N-Channel PowerTrench SyncFET?
FDS6670AS_NL FAIRCHILD-FDS6670AS_NL Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS6670AS_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com