전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN12ACMLX 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FIN12ACMLX
상세설명  Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12ACMLX 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FIN12ACMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.2
3
Terminal Descriptions
Note:
1
The DSO/DSI serial port pins have been arranged such that if one device is rotated 180° with respect to the other
device, the serial connections properly aligns without the need for any traces or cable signals to cross. Other layout
orientations may require that traces or cables cross.
Pin Name
I/O Type
Number of
Terminals
Description of Signals
DP[1:12]
I/O
12
LVCMOS parallel I/O, Direction controlled by DIRI pin
CKREF
IN
1
LVCMOS clock input and PLL reference
STROBE
IN
1
LVCMOS strobe signal for latching data into the serializer
CKP
OUT
1
LVCMOS word clock output. This signal is the regenerated STROBE
signal
DSO+ / DSI-
DSO- / DSI+
DIFF-I/O
2
CTL differential serial I/O data signals(1)
DSO: Refers to output signal pair
DSI: Refers to input signal pair
DSO(I)+: Positive signal of DSO(I) pair
DSO(I)-: Negative signal of DSO(I) pair
CKSI+ / CKSI-
DIFF-IN
2
CTL differential deserializer input bit clock
CKSI: Refers to signal pair
CKSI+: Positive signal of CKSI pair
CKSI-: Negative signal of CKSI pair
CKSO+ / CKSO-
DIFF-OUT
2
CTL differential deserializer output bit clock
CKSO: Refers to signal pair
CKSO+: Positive signal of CKSO pair
CKSO-: Negative signal of CKSO pair
S1
IN
1
Used to define frequency range for the RefClock, CKREF.
S2
IN
1
PLLx_SEL
IN
1
Used to define PLL multiplication mode.
PLLX_SEL = 0 multiplication factor 7-1/3x
PLLX_SEL = 1 multiplication factor 7x
DIRI
IN
1
LVCMOS control input. Used to control direction of data flow:
DIRI = “1” Serializer
DIRI = “0” Deserializer
DIRO
OUT
1
LVCMOS output, inversion of DIRI
VDDP
Supply
1
Power supply for parallel I/O and translation circuitry
VDDS
Supply
1
Power supply for core and serial I/O
VDDA
Supply
1
Power supply for analog PLL circuitry
GND
Supply
0
Use bottom ground plane for ground signals


유사한 부품 번호 - FIN12ACMLX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com