전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP12N60C 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQP12N60C
상세설명  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP12N60C 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQP12N60C Datasheet HTML 1Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 2Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 3Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 4Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 5Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 6Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 7Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 8Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQP12N60C / FQPF12N60C Rev. B1
September 2007
QFET
®
FQP12N60C / FQPF12N60C
600V N-Channel MOSFET
Features
• 12A, 600V, RDS(on) = 0.65Ω @VGS = 10 V
• Low gate charge ( typical 48 nC)
• Low Crss ( typical 21pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
*Drain current limited by maximum junction temperature
Thermal Characteristics
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
D
G
S
Symbol
Parameter
FQP12N60C
FQPF12N60C
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
12
7.4
12*
7.4*
A
A
IDM
Drain Current
- Pulsed
(Note 1)
48
48*
A
VGSS
Gate-Source voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
870
mJ
IAR
Avalanche Current
(Note 1)
12
A
EAR
Repetitive Avalanche Energy
(Note 1)
22.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
225
1.78
51
0.41
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FQP12N60C
FQPF12N60C
Unit
RθJC
Thermal Resistance, Junction-to-Case
0.56
2.43
°C/W
RθJS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W


유사한 부품 번호 - FQP12N60C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP12N60C FAIRCHILD-FQP12N60C Datasheet
873Kb / 10P
   FQP12N60C/FQPF12N60C
logo
Kersemi Electronic Co.,...
FQP12N60C KERSEMI-FQP12N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP12N60C FAIRCHILD-FQP12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
More results

유사한 설명 - FQP12N60C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com