![]() |
전자부품 데이터시트 검색엔진 |
|
|
LM7805ACT 데이터시트(Datasheet) 1 Page - Fairchild Semiconductor |
|
1 page ![]() ©2006 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com LM78XX/LM78XXA Rev. 1.0 M arch 2008 LM78XX/LM78XXA 3-Terminal 1A Positive Voltage Regulator Features ■ Output Current up to 1A ■ Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24 ■ Thermal Overload Protection ■ Short Circuit Protection ■ Output Transistor Safe Operating Area Protection General Description The LM78XX series of three terminal positive regulators are available in the TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut down and safe operating area pro- tection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external com- ponents to obtain adjustable voltages and currents. Ordering Information Product Number Output Voltage Tolerance Package Operating Temperature LM7805CT ±4% TO-220 -40°C to +125°C LM7806CT LM7808CT LM7809CT LM7810CT LM7812CT LM7815CT LM7818CT LM7824CT LM7805ACT ±2% 0°C to +125°C LM7806ACT LM7808ACT LM7809ACT LM7810ACT LM7812ACT LM7815ACT LM7818ACT LM7824ACT |