전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQA7N80C_F109 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQA7N80C_F109
상세설명  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA7N80C_F109 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQA7N80C_F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA7N80C_F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA7N80C_F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA7N80C_F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA7N80C_F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA7N80C_F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA7N80C_F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA7N80C_F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FQA7N80C_F109 Rev. A
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
24
68
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 50V
2. 250µs PulseTest
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
Notes :
1. 250µs PulseTest
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.20.4
0.60.8
1.01.2
1.4
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µs PulseTest
25℃
V
SD, Source-Drain voltage [V]
0
3
6
9
12
15
18
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
GS = 20V
V
GS = 10V
Note: T
J = 25℃
I
D, Drain Current [A]
10
-1
10
0
10
1
0
500
1000
1500
2000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f =1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
Note : I
D = 6.6A
Q
G, Total Gate Charge [nC]


유사한 부품 번호 - FQA7N80C_F109

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA7N80C_F109 FAIRCHILD-FQA7N80C_F109 Datasheet
791Kb / 9P
   800V N-Channel MOSFET
More results

유사한 설명 - FQA7N80C_F109

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com