전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8874 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FDS8874
상세설명  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8874 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FDS8874 Datasheet HTML 3Page - Fairchild Semiconductor FDS8874 Datasheet HTML 4Page - Fairchild Semiconductor FDS8874 Datasheet HTML 5Page - Fairchild Semiconductor FDS8874 Datasheet HTML 6Page - Fairchild Semiconductor FDS8874 Datasheet HTML 7Page - Fairchild Semiconductor FDS8874 Datasheet HTML 8Page - Fairchild Semiconductor FDS8874 Datasheet HTML 9Page - Fairchild Semiconductor FDS8874 Datasheet HTML 10Page - Fairchild Semiconductor FDS8874 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8874 Rev. B
www.fairchildsemi.com
7
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
In using surface mount devices such as the SO8 package,
the environment in which it is applied will have a significant
influence on the part’s current and maximum power
dissipation ratings. Precise determination of PDM is complex
and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild provides thermal information to assist the design-
er’s preliminary application evaluation. Figure 21 defines the
RθJA for the device as a function of the top copper (compo-
nent side) area. This is for a horizontally positioned FR-4
board with 1oz copper after 1000 seconds of steady state
power with no air flow. This graph provides the necessary in-
formation for calculation of the steady state junction temper-
ature or power dissipation. Pulse applications can be
evaluated using the Fairchild device Spice thermal model or
manually utilizing the normalized maximum transient
thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2. The area, in square inches is the top copper
area including the gate and source pads.
The transient thermal impedance (ZθJA) is also effected by
varied top copper board area. Figure 22 shows the effect of
copper pad area on single pulse transient thermal imped-
ance. Each trace represents a copper pad area in square
inches corresponding to the descending list in the graph.
Spice and SABER thermal models are provided for each of
the listed pad areas.
Copper pad area has no perceivable effect on transient
thermal impedance for pulse widths less than 100ms. For
pulse widths less than 100ms the transient thermal
impedance is determined by the die and package.
Therefore, CTHERM1 through CTHERM5 and RTHERM1
through RTHERM5 remain constant for each of the thermal
models. A listing of the model component values is available
in Table 1.
(EQ. 1)
PDM
TJM TA
()
RθJA
-------------------------------
=
(EQ. 2)
RθJA 64
26
0.23 Area
+
-------------------------------
+
=
100
150
200
0.001
0.01
0.1
1
10
50
Figure 21. Thermal Resistance vs Mounting
Pad Area
RθJA = 64 + 26/(0.23+Area)
AREA, TOP COPPER AREA (in2)
0
30
60
90
120
150
10-1
100
101
102
103
Figure 22. Thermal Impedance vs Mounting Pad Area
t, RECTANGULAR PULSE DURATION (s)
COPPER BOARD AREA - DESCENDING ORDER
0.04 in2
0.28 in2
0.52 in2
0.76 in2
1.00 in2


유사한 부품 번호 - FDS8874

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8874 FAIRCHILD-FDS8874 Datasheet
2Mb / 11P
   N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS8874

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com