전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8670 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS8670
상세설명  30V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8670 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS8670 Datasheet HTML 1Page - Fairchild Semiconductor FDS8670 Datasheet HTML 2Page - Fairchild Semiconductor FDS8670 Datasheet HTML 3Page - Fairchild Semiconductor FDS8670 Datasheet HTML 4Page - Fairchild Semiconductor FDS8670 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
0
17.5
35
52.5
70
87.5
105
0
0.511.52
VDS, DRAIN-SOURCE VOLTAGE (V)
3.0V
VGS = 10V
3.5V
4.5V
6.0V
2.5V
0.4
1
1.6
2.2
2.8
3.4
035
70
105
ID, DRAIN CURRENT (A)
VGS = 2.5V
6.0V
4.0V
4.5V
10V
3.5V
3.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (oC)
ID = 21A
VGS = 10V
0.002
0.005
0.008
0.011
246
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 10.5A
TA = 125oC
TA = 25oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
35
70
105
11.52
2.533.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA =125oC
25oC
-55oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
FDS8670 Rev D1 (W)


유사한 부품 번호 - FDS8670

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8670 FAIRCHILD-FDS8670 Datasheet
118Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS8670 FAIRCHILD-FDS8670 Datasheet
398Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS8670 FAIRCHILD-FDS8670_06 Datasheet
398Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS8670

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com