전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13211 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 MC13211
상세설명  ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13211 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13211_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13211_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.4
2
Freescale Semiconductor
MCU allows the communications stack and also the application to reside on the same system-in-package
(SIP). The MC1321x family is organized as follows:
The MC13211 has 16KB of flash and 1KB of RAM and is an ideal solution for low cost,
proprietary applications that require wireless point-to-point or star network connectivity. The
MC13211 combined with the Freescale Simple MAC (SMAC) provides the foundation for
proprietary applications by supplying the necessary source code and application examples to get
users started on implementing wireless connectivity.
The MC13212 contains 32K of flash and 2KB of RAM and is intended for use with the Freescale
fully compliant 802.15.4 MAC. Custom networks based on the 802.15.4 Standard MAC can be
implemented to fit user needs. The 802.15.4 Standard supports star, mesh and cluster tree
topologies as well as beaconed networks.
The MC13213 contains 60K of flash and 4KB of RAM and is also intended for use with the
Freescale fully compliant 802.15.4 MAC and the fully ZigBee compliant Freescale BeeStack.
Applications include, but are not limited to, the following:
Residential and commercial automation
— Lighting control
— Security
— Access control
— Heating, ventilation, air-conditioning (HVAC)
— Automated meter reading (AMR)
Industrial Control
— Asset tracking and monitoring
— Homeland security
— Process management
— Environmental monitoring and control
—HVAC
— Automated meter reading
Health Care
— Patient monitoring
— Fitness monitoring
Consumer
— Human interface devices (keyboard, mice, etc.)
— Remote control
— Wireless toys


유사한 부품 번호 - MC13211_08

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13211R2 FREESCALE-MC13211R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211R2 FREESCALE-MC13211R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211R2 FREESCALE-MC13211R2 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13211R2 NXP-MC13211R2 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results

유사한 설명 - MC13211_08

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com