전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33972TEW 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc

부품명 MCZ33972TEW
상세설명  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33972TEW 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33972TEW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33972
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
WAKE-UP (WAKE)
The WAKE pin is an open-drain output and a wake-up
input. The pin is designed to control a power supply Enable
pin. In the Normal Mode, the WAKE pin is LOW. In the Sleep
Mode, the WAKE pin is HIGH. The WAKE pin has a pull-up to
the internal +5.0V supply.
In Sleep Mode with the WAKE pin HIGH, the falling edge
of WAKE will place the 33972 in Normal Mode. In Sleep Mode
with VDD applied, the INT pin must be HIGH for negative edge
of WAKE to wake up the device. If VDD is not applied to the
device in Sleep Mode, INT does not affect WAKE operation.
BATTERY INPUT (VPWR)
The VPWR pin is battery input and Power-ON Reset to the
33972 IC. The VPWR pin requires external reverse battery
and transient protection. Maximum input voltage on VPWR is
50V. All wetting, sustain, and internal logic current is provided
from the VPWR pin.
VOLTAGE DRAIN SUPPLY (VDD)
The VDD input pin is used to determine logic levels on the
microprocessor interface (SPI) pins. Current from VDD is
used to drive SO output and the pull-up current for CS and
INT
pins. VDD must be applied for wake-up from negative
edge of CS or INT.
GROUND (GND)
The GND pin provides ground for the IC as well as ground
for inputs programmed as switch-to-battery inputs.
PROGRAMMABLE SWITCHES (SP0:SP7)
The 33972 device has 8 switch inputs capable of being
programmed to read switch-to-ground or switch-to-battery
contacts. The input is compared with a 4.0V reference. When
programmed to be switch-to-battery, voltages greater than
4.0V are considered closed. Voltages less than 4.0V are
considered open. The opposite holds true when inputs are
programmed as switch-to-ground. Programming features are
defined in Table 6 through Table 11 in the functional Device
Operation section of this datasheet beginning on page 13.
Voltages greater than the VPWR supply voltage will source
current through the SP inputs to the VPWR pin. Transient
battery voltages greater than 38/40V must be clamped by an
external device.
SWITCH-TO-GROUND INPUTS (SG0:SG13)
The SGn pins are switch-to-ground inputs only. The input
is compared with a 4.0V reference. Voltages greater than
4.0V are considered open. Voltages less than 4.0V are
considered closed. Programming features are defined in
Table 6 through Table 11 in the functional Device Operation
section of this datasheet beginning on page 13. Voltages
greater than the VPWR supply voltage will source current
through the SG inputs to the VPWR pin. Transient battery
voltages greater than 40V must be clamped by an external
device.


유사한 부품 번호 - MCZ33972TEW

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33972TEW/R2 FREESCALE-MCZ33972TEW/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

유사한 설명 - MCZ33972TEW

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com