전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13211 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc

부품명 MC13211
상세설명  ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13211 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC13211 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.4
Freescale Semiconductor
9
2.1
Pin Definitions
Table 2 details the MC1321x pinout and functionality.
Table 2. Pin Function Description
Pin #
Pin Name
Type
Description
Functionality
1
PTA3/KBI1P3
Digital
Input/Output
MCU Port A Bit 3 /
Keyboard Input Bit 3
2
PTA4/KBI1P4
Digital
Input/Output
MCU Port A Bit 4 /
Keyboard Input Bit 4
3
PTA5/KBI1P5
Digital
Input/Output
MCU Port A Bit 5 /
Keyboard Input Bit 5
4
PTA6/KBI1P6
Digital
Input/Output
MCU Port A Bit 6 /
Keyboard Input Bit 6
5
PTA7/KBI1P7
Digital
Input/Output
MCU Port A Bit 7 /
Keyboard Input Bit 7
6
VDDAD
Power Input
MCU power supply to ATD Decouple to ground.
7
PTG0/BKGND/MS
Digital
Input/Output
MCU Port G Bit 0 /
Background / Mode Select
PTG0 is output only. Pin is I/O when used as BDM
function.
8
PTG1/XTAL
Digital
Input/Output/
Output
MCU Port G Bit 1 / Crystal
oscillator output
Full I/O when not used as clock source.
9
PTG2/EXTAL
Digital
Input/Output/
Input
MCU Port G Bit 2 / Crystal
oscillator input
Full I/O when not used as clock source.
10
CLKO
Digital Output
Modem Clock Output
Programmable frequencies of:
16 MHz, 8 MHz, 4 MHz, 2 MHz, 1 MHz, 62.5 kHz,
32.786+ kHz (default),
and 16.393+ kHz.
11
RESET
Digital
Input/Output
MCU reset. Active low
12
PTC0/TXD2
Digital
Input/Output
MCU Port C Bit 0 / SCI2
TX data out
13
PTC1/RXD2
Digital
Input/Output
MCU Port C Bit 1/ SCI2 RX
data in
14
PTC2/SDA1
Digital
Input/Output
MCU Port C Bit 1/ IIC bus
data
15
PTC3/SCL1
Digital
Input/Output
MCU Port C Bit 1/ IIC bus
clock
16
PTC4
Digital
Input/Output
MCU Port C Bit 4
17
PTC5
Digital
Input/Output
MCU Port C Bit 5


유사한 부품 번호 - MC13211

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13211 NXP-MC13211 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211R2 FREESCALE-MC13211R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
More results

유사한 설명 - MC13211

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com