전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB11NK40ZT4 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STB11NK40ZT4
상세설명  N-channel 400V - 0.49廓 - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NK40ZT4 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STB11NK40ZT4 Datasheet HTML 6Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 7Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 8Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 9Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 10Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 11Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 12Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 13Page - STMicroelectronics STB11NK40ZT4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STB11NK40Z - STP11NK40ZFP - STP11NK40Z
10/16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


유사한 부품 번호 - STB11NK40ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB11NK40ZT4 STMICROELECTRONICS-STB11NK40ZT4 Datasheet
507Kb / 17P
   N-channel 400 V, 0.49 廓, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
More results

유사한 설명 - STB11NK40ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_09 Datasheet
507Kb / 17P
   N-channel 400 V, 0.49 廓, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
579Kb / 12P
   N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STB11NK50Z STMICROELECTRONICS-STB11NK50Z_08 Datasheet
415Kb / 16P
   N-channel 500 V, 0.48 廓 , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_06 Datasheet
452Kb / 15P
   N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
   N-channel 500 V, 0.40 廓, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESHTM Power MOSFET
STP5N120 STMICROELECTRONICS-STP5N120 Datasheet
186Kb / 10P
   N-channel 1200V - 2.8廓 - 4.4A - TO-220 Zener - protected SuperMESHTM Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
   N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
   N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com