전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4732A 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 1N4732A
상세설명  Silicon Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1N4732A 데이터시트(HTML) 1 Page - Renesas Technology Corp

  1N4732A Datasheet HTML 1Page - Renesas Technology Corp 1N4732A Datasheet HTML 2Page - Renesas Technology Corp 1N4732A Datasheet HTML 3Page - Renesas Technology Corp 1N4732A Datasheet HTML 4Page - Renesas Technology Corp 1N4732A Datasheet HTML 5Page - Renesas Technology Corp 1N4732A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REJ03G1221-0500 Rev.5.00 Nov 13, 2007
Page 1 of 5
1N4728A through 1N4753A
Silicon Planar Zener Diodes for Stabilized Power Supply
REJ03G1221-0500
Rev.5.00
Nov 13, 2007
Features
• Glass package DO-41 structure ensures high reliability.
• Wide spectrum from 3.3 V through 36 V of zener voltage provide flexible application.
Ordering Information
Part No.
Cathode Band
Mark
Package Name
Package Code
1N4728A through
1N4753A
Black
Part No.
DO-41
GRZZ0002ZA-A
Pin Arrangement
1. Cathode
2. Anode
Cathode band
Part No.
1
2


유사한 부품 번호 - 1N4732A

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
1N4732A SEMTECH_ELEC-1N4732A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
1N4732A PHILIPS-1N4732A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4732A VISHAY-1N4732A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
New Jersey Semi-Conduct...
1N4732A NJSEMI-1N4732A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
List of Unclassifed Man...
1N4732A ETC1-1N4732A Datasheet
16Kb / 1P
   Zener Diodes
More results

유사한 설명 - 1N4732A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZK-L RENESAS-HZK-L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com