전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1193KTZ-E 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 2SA1193KTZ-E
상세설명  Silicon PNP Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1193KTZ-E 데이터시트(HTML) 2 Page - Renesas Technology Corp

  2SA1193KTZ-E Datasheet HTML 1Page - Renesas Technology Corp 2SA1193KTZ-E Datasheet HTML 2Page - Renesas Technology Corp 2SA1193KTZ-E Datasheet HTML 3Page - Renesas Technology Corp 2SA1193KTZ-E Datasheet HTML 4Page - Renesas Technology Corp 2SA1193KTZ-E Datasheet HTML 5Page - Renesas Technology Corp 2SA1193KTZ-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1193(K)
Rev.2.00 Aug 10, 2005 page 2 of 5
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter breakdown voltage
V(BR)CEO
–60
V
IC = –1 mA, RBE =
Collector cutoff current
ICBO
–1.0
µA
VCB = –60 V, IE = 0
Emitter cutoff current
IEBO
–1.0
µA
VEB = –7 V, IC = 0
DC current transfer ratio
hFE
2000
VCE = –3 V, IC = –250 mA*
1
Collector to emitter saturation voltage
VCE(sat)
–1.5
V
IC = –250 mA, IB = –0.5 mA*
1
Base to emitter saturation voltage
VBE(sat)
–2.0
V
Turn on time
ton
0.3
µs
IC = –250 mA
Turn off time
toff
0.9
µs
IB1 = –IB2 = –0.5 mA
Note:
1. Pulse test


유사한 부품 번호 - 2SA1193KTZ-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SA1193K HITACHI-2SA1193K Datasheet
34Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
New Jersey Semi-Conduct...
2SA1193K NJSEMI-2SA1193K Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
More results

유사한 설명 - 2SA1193KTZ-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Hitachi Semiconductor
2SA1193 HITACHI-2SA1193 Datasheet
34Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Toshiba Semiconductor
2SB1617 TOSHIBA-2SB1617_06 Datasheet
148Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Micro Commercial Compon...
TIP115 MCC-TIP115_11 Datasheet
378Kb / 2P
   PNP Epitaxial Silicon Darlington Transistors
logo
Fairchild Semiconductor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_06 Datasheet
141Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
Fairchild Semiconductor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com