전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1155-E 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 2SK1155-E
상세설명  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1155-E 데이터시트(HTML) 6 Page - Renesas Technology Corp

  2SK1155-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1155-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1155-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1155-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1155-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1155-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1155-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SK1155, 2SK1156
Rev.2.00 Sep 07, 2005 page 6 of 6
Package Dimensions
0.5 ± 0.1
2.54 ± 0.5
0.76 ± 0.1
10.16 ± 0.2
2.54 ± 0.5
1.26 ± 0.15
4.44 ± 0.2
2.7 Max
1.5 Max
11.5 Max
9.5
8.0
φ 3.6
+0.1
–0.08
Package Name
PRSS0004AC-A
TO-220AB / TO-220ABV
MASS[Typ.]
1.8g
SC-46
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SK1155-E
500 pcs
Box (Sack)
2SK1156-E
500 pcs
Box (Sack)
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


유사한 부품 번호 - 2SK1155-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK1155 HITACHI-2SK1155 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1155 VBSEMI-2SK1155 Datasheet
1Mb / 9P
   N-Channel 600V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
2SK1155 ISC-2SK1155 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK1155-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com