전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1165 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 2SK1165
상세설명  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1165 데이터시트(HTML) 5 Page - Renesas Technology Corp

  2SK1165 Datasheet HTML 1Page - Renesas Technology Corp 2SK1165 Datasheet HTML 2Page - Renesas Technology Corp 2SK1165 Datasheet HTML 3Page - Renesas Technology Corp 2SK1165 Datasheet HTML 4Page - Renesas Technology Corp 2SK1165 Datasheet HTML 5Page - Renesas Technology Corp 2SK1165 Datasheet HTML 6Page - Renesas Technology Corp 2SK1165 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SK1165, 2SK1166
Rev.2.00 Sep 07, 2005 page 5 of 6
20
0.8
2.0
Source to Drain Voltage VSD (V)
16
0.4
1.2
1.6
8
12
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
0
4
5, 10 V
VGS = 0, –10 V
3
Pulse Width PW (S)
1.0
0.1
0.3
D = 1
10
µ
0.03
0.01
100
µ
10 m
100 m
1
10
1 m
TC = 25°C
0.5
0.2
0.1
0.05
0.02
0.01
1 Shot
Pulse
T
PW
PDM
D =
T
PW
θch–c (t) = γ
S (t) • θch–c
θch–c = 1.25°C/W, T
C = 25°C
Normalized Transient Thermal Impedance vs. Pulse Width
Vin Monitor
Vout Monitor
RL
50
Vin = 10 V
D.U.T
.
VDD = 30 V
.
Switching Time Test Circuit
Vin
10 %
90 %
90 %
90 %
10 %
td (on)
td (off)
tr
tf
Vout
10 %
Waveforms


유사한 부품 번호 - 2SK1165

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK1165 HITACHI-2SK1165 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1165 ISC-2SK1165 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK1165

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com