전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1304 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SK1304
상세설명  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1304 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SK1304 Datasheet HTML 1Page - Renesas Technology Corp 2SK1304 Datasheet HTML 2Page - Renesas Technology Corp 2SK1304 Datasheet HTML 3Page - Renesas Technology Corp 2SK1304 Datasheet HTML 4Page - Renesas Technology Corp 2SK1304 Datasheet HTML 5Page - Renesas Technology Corp 2SK1304 Datasheet HTML 6Page - Renesas Technology Corp 2SK1304 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1304
Rev.2.00 Sep 07, 2005 page 4 of 6
0.10
40
160
Case Temperature TC (°C)
0.08
0.02
0
80
120
0
0.04
0.06
Static Drain to Source on State
Resistance vs. Temperature
10 A
Pulse Test
ID = 50 A
–40
VGS = 10 V
VGS = 4 V
20 A
50 A
10 A
20 A
50
250
Drain Current ID (A)
20
2
1.0
20
5
10
Forward Transfer Admittance
vs. Drain Current
–25
°C
VGS = 10 V
Pulse Test
1.0
TC = 25°C
75
°C
10
5
0.5
500
5
Reverse Drain Current IDR (A)
200
20
1.0
10
50
5
50
100
Body to Drain Diode Reverse
Recovery Time
0.5
10
20
di/dt = 50 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
2
Crss
Coss
10,000
20
50
Drain to Source Voltage VDS (V)
100
10
30
40
10
1,000
Typical Capacitance vs.
Drain to Source Voltage
VGS = 0
f = 1 MHz
0
Ciss
100
80
200
Gate Charge Qg (nc)
Dynamic Input Characteristics
80
20
40
120
160
0
40
60
VDS
20
16
4
0
8
12
VDD = 25 V
50 V
80 V
ID = 40 A
VGS
VDD = 80 V
50 V
25 V
250
Drain Current ID (A)
1,000
100
1.0
5
20
20
200
500
VGS = 10 V VDD = 30 V
PW = 2
µs, duty < 1%
0.5
50
10
Switching Characteristics
td (off)
tr
td (on)
10
tf


유사한 부품 번호 - 2SK1304

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK1304 HITACHI-2SK1304 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1304 ISC-2SK1304 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK1304

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com