전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2788VYTR-E 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 2SK2788VYTR-E
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2788VYTR-E 데이터시트(HTML) 1 Page - Renesas Technology Corp

  2SK2788VYTR-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2788VYTR-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2788VYTR-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2788VYTR-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2788VYTR-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2788VYTR-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2788VYTR-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Sep. 07, 2005 page 1 of 6
2SK2788
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1033-0200
(Previous: ADE-208-538)
Rev.2.00
Sep.07,2005
Features
• Low on-resistance
RDS(on) = 0.12
Ω typ (V
GS = 10 V, ID = 1 A)
• Low drive current
• High speed switching
• 4 V gate drive devices.
Outline
RENESAS Package code: PLZZ0004CA-A
(Package name: UPAK
)
R
1. Gate
2. Drain
3. Source
4. Drain
4
3
2
1
D
G
S
Note:
Marking is “VY”
*UPAK is a trademark of Renesas Technology Corp.


유사한 부품 번호 - 2SK2788VYTR-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2788VYTR-E RENESAS-2SK2788VYTR-E Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK2788VYTR-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com