전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3000 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SK3000
상세설명  Silicon N Channel MOS FET Low Frequency Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3000 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SK3000 Datasheet HTML 1Page - Renesas Technology Corp 2SK3000 Datasheet HTML 2Page - Renesas Technology Corp 2SK3000 Datasheet HTML 3Page - Renesas Technology Corp 2SK3000 Datasheet HTML 4Page - Renesas Technology Corp 2SK3000 Datasheet HTML 5Page - Renesas Technology Corp 2SK3000 Datasheet HTML 6Page - Renesas Technology Corp 2SK3000 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK3000
Rev.3.00, Jun.16.2004, page 4 of 6
5
2
1
0.2
0.5
0.1
0.1
0.2
0.5
1
2
10
10
5
25
°C
Tc = –25
°C
75
°C
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
V
= 10 V
Pulse Test
DS
04
8
12
16
20
200
500
100
10
20
50
5000
2000
500
1000
100
200
50
1
1
2
5
0.5
0.2
0.1
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
500
200
50
100
10
20
5
0.05
1
5
4
3
2
1
0
0.4
0.8
1.2
1.6
2.0
V
= 0
GS
5 V
0.5
0.2
0.1
Drain to Source DiodeReverse Surge
Destruction Characteristics
10
5
250
20
Ta = 25
°C
1 shot
10 V
Surge Pulse Width PW (mS)
5
2
0.05
V
= 4 V, V
= 10 V
PW = 5
µs, duty < 1 %
GS
DD
t f
d(on)
t
d(off)
t
r
t
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Drain Current
I
(A)
D
Switching Characteristics
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
0.5
0.4
0.3
0.2
0.1
–40
0
40
80
120
160
0
ID = 0.45 A
VGS = 4 V
10 V
0.45 A
Pulse Test


유사한 부품 번호 - 2SK3000

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Guangdong Kexin Industr...
2SK3000-3 KEXIN-2SK3000-3 Datasheet
146Kb / 4P
   N-Channel Enhancement MOSFET
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
More results

유사한 설명 - 2SK3000

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com