전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3127 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 2SC3127
상세설명  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3127 데이터시트(HTML) 6 Page - Renesas Technology Corp

  2SC3127 Datasheet HTML 1Page - Renesas Technology Corp 2SC3127 Datasheet HTML 2Page - Renesas Technology Corp 2SC3127 Datasheet HTML 3Page - Renesas Technology Corp 2SC3127 Datasheet HTML 4Page - Renesas Technology Corp 2SC3127 Datasheet HTML 5Page - Renesas Technology Corp 2SC3127 Datasheet HTML 6Page - Renesas Technology Corp 2SC3127 Datasheet HTML 7Page - Renesas Technology Corp 2SC3127 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC3127
Rev.3.00 Aug 10, 2005 page 6 of 7
Input and Output Reflection Coefficient vs. Frequency
Frequency f (MHz)
–20
–10
0
–15
1,000
750
500
250
0
–5
VCC = 12 V, IC = 20 mA
Input Power Level
–50 dBm
S22
S11
Vhf to Uhf Wide Band Amp. Circuit
470
50 p
50 p
2.4 k
50 p
5 p
1,200 p
Output
Input
Rg = 50
L1
L2
T1
RL = 50 Ω
1.2 p 4,400 p
4,400 p
2,200 p
110
VBB
VCC
2.5 p
Unit R :
C : F
Parts Spcecification
L1 : Inside dia φ3.0 mm, φ0.4 mm Polyurethane Coated Copper wire 12 Turns.
L2 : Inside dia φ3.5 mm, φ0.5 mm Polyurethane Coated Copper wire 9 Turns.
T1 : Balance wind used Ferrite Core
Outside dia
φ4.0 mm, Inside dia φ2.0 mm
φ0.1 mm Polyurethane Coated Copper wire 3 Turns.
Ratio Input to Output is 2 : 1


유사한 부품 번호 - 2SC3127

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC3127 HITACHI-2SC3127 Datasheet
45Kb / 10P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC3127 ISC-2SC3127 Datasheet
177Kb / 6P
   isc Silicon NPN RF Transistor
More results

유사한 설명 - 2SC3127

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com