전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ130L-E 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SJ130L-E
상세설명  Silicon P Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ130L-E 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SJ130L-E Datasheet HTML 1Page - Renesas Technology Corp 2SJ130L-E Datasheet HTML 2Page - Renesas Technology Corp 2SJ130L-E Datasheet HTML 3Page - Renesas Technology Corp 2SJ130L-E Datasheet HTML 4Page - Renesas Technology Corp 2SJ130L-E Datasheet HTML 5Page - Renesas Technology Corp 2SJ130L-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ160, 2SJ161, 2SJ162
Rev.2.00 Sep 07, 2005 page 4 of 5
1000
02
4
6
8
10
Gate to Source Voltage VGS (V)
100
200
500
Input Capacitance vs.
Gate to Source Voltage
VDS = –10 V
f = 1 MHz
Forward Transfer Admittance vs.
Frequency
Frequency f (Hz)
3
1
0.1
0.3
0.03
0.003
0.01
10 k 30 k
100 k 300 k
1 M
3 M
10 M
Tc = 25°C
VDS = –10 V
ID = –2 A
Drain Current
ID (A)
Switching Time vs. Drain Current
–0.1 –0.2
–0.5
–1
–2
–5
–10
500
200
100
20
50
10
5
toff
ton
ton
Input
90%
10%
10%
Output
toff
90%
Input
PW = 50
µs
duty ratio = 1%
RL
–20 V
Output
50
Switching Time Test Circuit
Waveform


유사한 부품 번호 - 2SJ130L-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ130L HITACHI-2SJ130L Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
More results

유사한 설명 - 2SJ130L-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com