전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ319S 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 2SJ319S
상세설명  Silicon P Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ319S 데이터시트(HTML) 3 Page - Renesas Technology Corp

  2SJ319S Datasheet HTML 1Page - Renesas Technology Corp 2SJ319S Datasheet HTML 2Page - Renesas Technology Corp 2SJ319S Datasheet HTML 3Page - Renesas Technology Corp 2SJ319S Datasheet HTML 4Page - Renesas Technology Corp 2SJ319S Datasheet HTML 5Page - Renesas Technology Corp 2SJ319S Datasheet HTML 6Page - Renesas Technology Corp 2SJ319S Datasheet HTML 7Page - Renesas Technology Corp 2SJ319S Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SJ319(L), 2SJ319(S)
Rev.2.00 Sep 07, 2005 page 3 of 7
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–5
0
–1
–2
–3
–4
0
–4
–8
–12
–16
–20
–5
0
–1
–2
–3
–4
0
–2–4–6–8
–10
Tc = –25°C
20
0
05
10
15
0
50
100
150
200
VDS = –10 V
Pulse Test
–10 V
–5 V
–8 V
–6 V
–4 V
VGS = –3.5 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
–30
–10
–3
–1
–0.05
–0.1
–0.3
–1
–3
–10
–30
–100 –300 –500
–50
Ta = 25°C
PW
= 10
ms
(1
shot)
DC
Operation
(Tc
=
25°C)
1 ms
10
µs
100
µs
Operation in
this area is
limited by RDS (on)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–20
0
–4
–8
–12
–16
0
–4
–8
–12
–16
–20
Pulse Test
ID = –5 A
–1 A
–2 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
2
1
0.2
0.5
0.1
–0.5
–2
–0.2
–1
–5
–10
10
5
VGS = –10 V
Pulse Test
25°C
75°C


유사한 부품 번호 - 2SJ319S

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ319S HITACHI-2SJ319S Datasheet
45Kb / 9P
   Silicon P-Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ319S KEXIN-2SJ319S Datasheet
47Kb / 1P
   Silicon P-Channel MOSFET
2SJ319S KEXIN-2SJ319S_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

유사한 설명 - 2SJ319S

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com