전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ350-E 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SJ350-E
상세설명  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ350-E 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SJ350-E Datasheet HTML 1Page - Renesas Technology Corp 2SJ350-E Datasheet HTML 2Page - Renesas Technology Corp 2SJ350-E Datasheet HTML 3Page - Renesas Technology Corp 2SJ350-E Datasheet HTML 4Page - Renesas Technology Corp 2SJ350-E Datasheet HTML 5Page - Renesas Technology Corp 2SJ350-E Datasheet HTML 6Page - Renesas Technology Corp 2SJ350-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SJ350
Rev.2.00 Sep 07, 2005 page 4 of 6
2.0
–40
0
40
80
120
160
Case Temperature
Tc (°C)
0
0.4
0.8
1.2
1.6
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
ID = –3 A
ID = –6 A
–3 A
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
50
20
5
10
1
2
0.5
–0.1
–0.2
–0.5
–1
–5
–2
–10
Tc = –25°C
75°C
VDS = –10 V
Pulse Test
25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.1 –0.2
–0.5
–1
–2
–5
–10
1000
500
200
50
100
20
10
di / dt = 50 A /
µs, V
GS = 0
Ta = 25°C, Pulse Test
0
–10
–20
–30
–40
–50
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
5000
1000
2000
500
200
100
50
20
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
0
0
Gate Charge
Qg (nc)
0
–20
–16
–12
–8
–4
–200
–160
–120
–80
–40
Dynamic Input Characteristics
20
40
60
80
100
VDS
VGS
500
200
100
20
50
10
5
–0.1 –0.2
–0.5 –1
–5
–2
–10
–0.05
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VDD = –25 V
–50 V
–80 V
VDD = –25 V
–50 V
–80 V
–10 V
VGS = –4 V
–1 A, –2 A
–1 A
–2 A
VGS = –10 V, VDD = –30 V
PW = 2
µs, duty ≤ 1 %


유사한 부품 번호 - 2SJ350-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ350 HITACHI-2SJ350 Datasheet
47Kb / 9P
   Silicon P-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ350 VBSEMI-2SJ350 Datasheet
1Mb / 7P
   P-Channel 100 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
2SJ3501 KEXIN-2SJ3501 Datasheet
523Kb / 4P
   P-Channel MOSFET
More results

유사한 설명 - 2SJ350-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com