전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F21246SDFP 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 R5F21246SDFP
상세설명  SINGLE-CHIP 16-BIT CMOS MCU
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21246SDFP 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button R5F21246SDFP Datasheet HTML 6Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 7Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 8Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 9Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 10Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 11Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 12Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 13Page - Renesas Technology Corp R5F21246SDFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
R8C/24 Group, R8C/25 Group
1. Overview
Rev.3.00
Feb 29, 2008
Page 10 of 51
REJ03B0117-0300
Figure 1.5
PTLG0064JA-A Package Pin Assignments
P2_6/
TRDIOC1
P2_5/
TRDIOB1
P2_2/
TRDIOC0
P1_7/TRAIO/
INT1
P1_6/CLK0
P1_3/KI3/
AN11
P4_5/INT0
P6_7/INT3/
RXD1
XIN/P4_6
P2_3/
TRDIOD0
P2_0/TRDIOA0/
TRDCLK
P1_4/TXD0
P6_6/INT2/
TXD1
VSS/AVSS
P2_4/
TRDIOA1
P2_1/
TRDIOB0
P1_5/RXD0/
(TRAIO)/(INT1)(2)
P1_2/KI2/
AN10
P4_4/XCOUT
P4_3/XCIN
P3_5/SCL/
SSCK
P6_3
P0_6/AN1
P0_7/AN0
MODE
P3_7/SSO
P6_1
P0_4/AN3
P0_5/AN2
P3_1/TRBO
P3_4/SDA/
SCS
P0_0/AN7
P0_2/AN5
P4_2/VREF P3_0/TRAO P6_5/CLK1
P0_1/AN6
P0_3/AN4
P6_2
P6_0/TREO
P6_4
P2_7/
TRDIOD1
VCC/AVCC
XOUT/
P4_7(1)
RESET
P1_0/KI0/
AN8
P1_1/KI1/
AN9
AB
C
D
E
F
G
H
AB
C
D
E
F
G
H
R5F21244S
NLG
JAPAN
Pin assignments (top view)
50
48
46
45
NC
36
NC
4
51
49
NC
44
34
35
NC
NC
5
52
47
43
42
NC
33
7
NC
6
2
37
NC
41
38
13
12
NC
9
8
32
31
NC
NC
10
16
19
23
NC
NC
30
NC
11
17
20
NC
24
28
NC
14
15
18
21
22
25
27
29
Pin assignments (top perspective view)
3
P3_3/SSI
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
NOTES:
1. P4_7 is an input-only port.
2. Can be assigned to the pin in parentheses by a program.
3. In the figure, the numbers in circles are the pin numbers
of the 52-pin LQFP package (PLQP0052JA-A).
NC: Non-Connection
Package: PTLG0064JA-A(64F0G)
0.65 mm pin pitch, 6 mm square body


유사한 부품 번호 - R5F21246SDFP

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
R5F21246SDFP RENESAS-R5F21246SDFP Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21246SDFP RENESAS-R5F21246SDFP Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R5F21246SDFP RENESAS-R5F21246SDFP Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
More results

유사한 설명 - R5F21246SDFP

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
R8C28 RENESAS-R8C28 Datasheet
585Kb / 71P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26 Datasheet
597Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C24 RENESAS-R8C24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21256SNFPU0 RENESAS-R5F21256SNFPU0 Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
   8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com